Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 2Page - STMicroelectronics L6711 Datasheet HTML 3Page - STMicroelectronics L6711 Datasheet HTML 4Page - STMicroelectronics L6711 Datasheet HTML 5Page - STMicroelectronics L6711 Datasheet HTML 6Page - STMicroelectronics L6711 Datasheet HTML 7Page - STMicroelectronics L6711 Datasheet HTML 8Page - STMicroelectronics L6711 Datasheet HTML 9Page - STMicroelectronics L6711 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Typical application circuit and block diagram
L6711
6/50
1.2
Block diagram
Figure 3.
Block diagram
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
HS1
HS1
HS2
LS2
HS3
LS3
CURRENT SHARING
CORRECTION
CH3 CURRENT
READING
CH2 CURRENT
READING
CH1 CURRENT
READING
OCP1
OCP2
OCP3
L6711
CONTROL LOGIC
AND PROTECTIONS
PWM1
PWM2
PWM3
PWM1
PWM2
PWM3
OUTEN
OCP2
OCP3
OCP1
DIGITAL
SOFT START
TEMPERATURE
COMPENSATION
OFFSET
CS_SEL
CS3-
CS3+
CS2-
CS2+
CS1-
CS1+
SGND
VCC
VCC
OVP
OVP
12.5
µA
OUTEN
OSC
OUTEN
TC
VID0
VID1
VID2
VID3
VID4
VID5
VID_SEL
CS_SEL
VCCDR
VCC
1.240V
OVP
115% / OVP
SS_END
64k
64k
64k
64k
ERROR AMPLIFIER
REMOTE
BUFFER
TOTAL CURRENT
CURRENT SHARING
CORRECTION
CURRENT SHARING
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com