Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Device description
L6711
18/50
6
Device description
The device is a three phase PWM controller with embedded high current drivers that
provides complete control logic and protections for a high performance step-down DC-DC
voltage regulator optimized for advanced microprocessor power supply. Multi phase buck is
the simplest and most cost-effective topology employable to satisfy the increasing current
demand of newer microprocessors and modern high current DC/DC converters and POLs. It
allows distributing equally load and power between the phases using smaller, cheaper and
most common external power mosfets and inductors. Moreover, thanks to the 120° of phase
shift between each phase, the input and output capacitor count results in being reduced.
Phase interleaving causes in fact input rms current and output ripple voltage reduction and
show an effective output switching frequency increase: the 150kHz free-running frequency
per phase, externally adjustable through a resistor, results tripled on the output.
The controller includes multiple DACs, selectable through an apposite pin (VID_SEL),
allowing compatibility with both VRD 10.x and Hammer specifications, also performing D-
VID transitions accordingly. The output voltage can be precisely selected, programming the
VID and VID_SEL pins, from 0.8185V to 1.5810V with 12.5mV binary steps (VRD 10.x
compliant mode - 6 BIT with -19mV offset already programmed during production) or from
0.800V to 1.550V with 25mV steps (VRM Hammer compliant mode - 5 BIT, VID5 programs
a 25mV positive offset in this case), with a maximum tolerance on the output regulated
voltage of ±0.5% (±0.6% for Hammer) over temperature and line voltage variations.
The device permits easy and flexible system design by allowing current reading across
either inductor or low side mosfet in fully differential mode simply selecting the desired way
through the CS_SEL pin. In both cases, also a sense resistor in series to the related
element can be considered to improve reading precision. The current information read
corrects the PWM output in order to equalize the average current carried by each phase
limiting the error at ±3% over static and dynamic conditions unless considering the sensing
element spread.
The device provides a programmable Over-Voltage protection to protect the load from
dangerous over stress and can be externally set to a fixed voltage through an apposite
resistor or it can be set internally with a fixed percentage, latching immediately by turning
ON the lower driver and driving high the FAULT pin. Furthermore, preliminary OVP
protection also allows the device to protect load from dangerous OVP when VCC is not
above the UVLO threshold.
Over-Current protection provided, with an OC threshold for each phase, causes the device
to enter in constant current mode until the latched UVP. Depending on the reading mode
selected, the device keeps constant the peak (inductor sensing) or the valley (LS sensing)
of the inductor current ripple.
The device drives high the FAULT pin after each latching event: to recover it is enough to
cycle VCC or the OUTEN pin.
A compact 7x7mm body TQFP48 package with exposed thermal pad allows dissipating the
power to drive the external mosfet through the system board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com