Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics L6711 Datasheet HTML 29Page - STMicroelectronics L6711 Datasheet HTML 30Page - STMicroelectronics L6711 Datasheet HTML 31Page - STMicroelectronics L6711 Datasheet HTML 32Page - STMicroelectronics L6711 Datasheet HTML 33Page - STMicroelectronics L6711 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Dynamic VID transitions
L6711
30/50
11.2
VID_SEL = GND.
Selecting the HAMMER DAC, the device checks for VID code modifications on the rising
edge of a clock that is the same frequency of each phase and waits for a confirmation on the
following falling edge. Once the new code is stable, on the next rising edge the reference
starts stepping up or down in LSB increments (25mV) every clock cycle until the new VID
code is reached. During the transition, VID code changes are ignored; the device re-starts
monitoring VID after the transition has finished on the next rising edge.
If the new VID code is more than 1 bit higher than the previous, the device will execute the
transition stepping the reference every switching cycle until the new code has reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50