Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics L6711 Datasheet HTML 29Page - STMicroelectronics L6711 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Voltage positioning
L6711
26/50
Offset resistor can be designed by considering the following relationship (RFB is fixed by the
Droop effect):
Offset automatically given by the DAC selection or by VID5 when VID_SEL=SGND differs
from the offset implemented through the OFFSET pin: the built-in feature is trimmed in
production and assures ±0.5% error (±0.6% for the Hammer DAC) over load and line
variations while implementing the same offset through the OFFSET pin causes additional
errors to be considered in the total output voltage precision.
When the Integrated Thermal Sensor is enabled (see Figure 11 and following section), the
pin programs, in the same way as before, a negative offset. This is to compensate the
positive native offset introduced by the ITS. The effect of the programmed offset on the
output voltage results (IOFFSET is now added to IFB and no more subtracted as before):
Offset resistor is designed to compensate the ITS native offset as described in the following
section.
The Offset function can be disabled by shorting the pin to SGND.
Figure 11.
Voltage positioning with integrated thermal sensor
10.3
Integrated thermal sensor
Current sense elements have non-negligible temperature variations: considering either
inductor or LS mosfet sense, the sensing elements modify proportionally to varying
temperature. As a consequence, the sensed current is subjected to a measurement error
that causes the regulated voltage to vary accordingly.
To recover from this temperature related error, a temperature compensation circuit is
integrated into the controller: the internal temperature is sensed and the droop current is
corrected (according to a scaling external resistor RTC) in order to keep constant the
regulated voltage.
R
OFFSET
1.240V
V
OS
------------------- RFB
⋅
=
V
OUT
VID
R
FB
I
OFFSET
⋅
–
VID
R
FB
1.240
R
OFFSET
------------------------
⎝⎠
⎛⎞
⋅
–
VID
V
OS
–
==
=
1.240V
1:1
VTC=A+B·(TJ-25)
RTC
ROFFSET
OFFSET
TC
1:1
IDROOP
VID
FB
COMP
I
FB
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
IOFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com