Electronic Components Datasheet Search
  English  ▼

X  

PCA2125TS Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA2125TS
Description  SPI Real time clock / calendar
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125TS Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA2125TS Datasheet HTML 28Page - NXP Semiconductors PCA2125TS Datasheet HTML 29Page - NXP Semiconductors PCA2125TS Datasheet HTML 30Page - NXP Semiconductors PCA2125TS Datasheet HTML 31Page - NXP Semiconductors PCA2125TS Datasheet HTML 32Page - NXP Semiconductors PCA2125TS Datasheet HTML 33Page - NXP Semiconductors PCA2125TS Datasheet HTML 34Page - NXP Semiconductors PCA2125TS Datasheet HTML 35Page - NXP Semiconductors PCA2125TS Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
PCA2125_00
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.11 — 30 January 2007
32 of 40
NXP Semiconductors
PCA2125
SPI Real time clock / calendar
10. Application information
Fig 21. SPI interface timing
001aaf917
R/W
SA2
RA0
b7
b6
b0
b7
b6
b0
b0
b6
b7
SDI
SDO
SDO
Hi Z
Hi Z
SDI
SCL
CE
WRITE
READ
tWCE
80%
20%
tWL
tRF
tCEH
tCER
tRZ
tRD
tZZ
tRF
tDH
tDS
tWH
tCES
tCYC
The 1 Farad capacitor is used as a standby/back-up supply. With the RTC in its minimum
power configuration i.e. timer off and CLKOUT off, the RTC may operate for weeks.
Fig 22. Application diagram.
001aaf918
OSCI
1 F
supercap
OSCO
INT
VSS
VDD
CLKOUT
CE
SCL
SDI
SDO
PCA2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com