| Electronic Components Datasheet Search |
|
PCA2125TS Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2125TS Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 40 page ![]() PCA2125_00 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 00.11 — 30 January 2007 8 of 40 NXP Semiconductors PCA2125 SPI Real time clock / calendar Power on reset override available to be set 24 hour mode is selected 6.2.1 Power-On Reset (POR) override The power on reset duration is directly related to the crystal oscillator start-up time. Due to the long start-up times experienced by these types of circuits, a mechanism has been built in to disable the POR and hence speed up on-board test of the device (see Figure 5). The setting of this mode requires that the ‘POR ovrd’ register be set to ‘1’ and that the SPI bus pins, SDI and CE, be toggled in a specific order as shown in Figure 6. All timings are required minimums. Once the override mode has been entered, the device immediately stops being reset and set-up operation may commence i.e. entry into the external clock test mode via the SPI bus access. The override mode may be cleared by writing a logic 0 to ‘POR ovrd’. ‘POR ovrd’ must be set to logic 1 before re-entry into the override mode is possible. Setting ‘POR ovrd’ to logic 0 during normal operation has no effect except to prevent accidental entry into the POR override mode. This is the recommended setting. Fig 5. Reset system. Fig 6. POR override sequence. 001aaf898 SDI CE 0 = override inactive 0 = clear override mode 0 = stopped, 1 = running osc stopped 1 = override active 1 = override possible CLEAR POR OVERRIDE POR_OVRD REGISTER OSCILLATOR reset 001aaf900 minimum 500 ns minimum 2000 ns POR override set at this time SDI CE reset override minimum 500 ns |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |