Electronic Components Datasheet Search
  English  ▼

X  

PCA2125TS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA2125TS
Description  SPI Real time clock / calendar
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125TS Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA2125TS Datasheet HTML 1Page - NXP Semiconductors PCA2125TS Datasheet HTML 2Page - NXP Semiconductors PCA2125TS Datasheet HTML 3Page - NXP Semiconductors PCA2125TS Datasheet HTML 4Page - NXP Semiconductors PCA2125TS Datasheet HTML 5Page - NXP Semiconductors PCA2125TS Datasheet HTML 6Page - NXP Semiconductors PCA2125TS Datasheet HTML 7Page - NXP Semiconductors PCA2125TS Datasheet HTML 8Page - NXP Semiconductors PCA2125TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.
Product profile
1.1 General description
The PCA2125 is a CMOS real time clock/calendar optimized for low power consumption
and 125
°C operation. Data is transferred serially via an SPI bus with a maximum data
rate of 8.0 Mbits/s. An alarm and timer function are also available with possibility to
generate a wake-up signal on an interrupt pin.
1.2 Features
Provides year, month, day, weekday, hours, minutes and seconds based on
32.768 kHz quartz crystal
Resolution: seconds - years
Clock operating voltage: 1.2 to 5.5 V
Low backup current; typical 0.55
μAat VDD = 3.0 V and Tamb =25 °C
3 line SPI with separate combinable data input and output
Serial interface (at VDD =1.8 to 5.5 V)
1 second or 1 minute interrupt output
Freely programmable timer with interrupt capability
Freely programmable alarm function with interrupt capability
Integrated oscillator capacitor
Internal power-on reset
Open-drain interrupt pin
1.3 Applications
Automotive time keeping application
Metering
1.4 Quick reference data
PCA2125
SPI Real time clock / calendar
Rev. 00.11 — 30 January 2007
Preliminary data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
SPI bus inactive; Tamb =25
°C1.2
-
5.5
V
SPI bus active; Tamb =
−40 to +125 °C1.6
-
5.5
V


Similar Part No. - PCA2125TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125TS NXP-PCA2125TS Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
More results

Similar Description - PCA2125TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com