Electronic Components Datasheet Search
  English  ▼

X  

PCA2125TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA2125TS
Description  SPI Real time clock / calendar
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA2125TS Datasheet HTML 5Page - NXP Semiconductors PCA2125TS Datasheet HTML 6Page - NXP Semiconductors PCA2125TS Datasheet HTML 7Page - NXP Semiconductors PCA2125TS Datasheet HTML 8Page - NXP Semiconductors PCA2125TS Datasheet HTML 9Page - NXP Semiconductors PCA2125TS Datasheet HTML 10Page - NXP Semiconductors PCA2125TS Datasheet HTML 11Page - NXP Semiconductors PCA2125TS Datasheet HTML 12Page - NXP Semiconductors PCA2125TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
PCA2125_00
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.11 — 30 January 2007
9 of 40
NXP Semiconductors
PCA2125
SPI Real time clock / calendar
6.3 Control registers
6.3.1 Control 1 register
6.3.2 Control 2 register
Table 7.
Control 1 (address 00HEX) bits description
Bit
Symbol
Value
Description
Section
7
ext test
0
normal mode
Section 6.9
1
external clock test mode
6
0
Reserved for future use.
5
stop
0
RTC source clock runs
Section 6.10
1
RTC divider chain flip-flops are asynchronously set
to logic 0; the RTC clock is stopped (CLKOUT at
32.768, 16.384 or 8.192 kHz is still available)
4
0
Reserved for future use.
3POR
ovrd
0
Power-on reset override facility is disabled; set to
logic 0 for normal operation
Section 6.2.1
1
Power-on reset override may be enabled
2
12/24
0
24 hour mode is selected
Table 15
1
12 hour mode is selected
1 to 0
0 0
Reserved for future use.
Table 8.
Control 2 (address 01HEX) bits description
Bit
Symbol
Value
Description
Section
7
MI
0
Minute interrupt is disabled
Section 6.6.1
1
Minute interrupt is enabled
6
SI
0
Second interrupt is disabled
1
Second interrupt is enabled
5
MSF
0
No minute or second interrupt generated
Section 6.6
1
Flag set when minute or second interrupt
generated. Flag must be cleared to clear interrupt.
2
TF
0
No countdown timer interrupt generated
1
Flag set when countdown timer interrupt generated.
Flag must be cleared to clear interrupt.
4
TI/TP
0
Interrupt pin follows timer flags
Section 6.7.2
1
Interrupt pin generates a pulse
3
AF
0
No alarm interrupt generated
Section 6.5.1
1
Flag set when alarm triggered. Flag must be
cleared to clear interrupt.
1
AIE
0
No interrupt generated from the alarm flag
Section 6.7.3
1
Interrupt generated when alarm flag set
0
TIE
0
No interrupt generated from the countdown timer
flag
Section 6.7
1
Interrupt generated when countdown timer flag set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com