Electronic Components Datasheet Search
  English  ▼

X  

PCA2125TS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA2125TS
Description  SPI Real time clock / calendar
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125TS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA2125TS Datasheet HTML 10Page - NXP Semiconductors PCA2125TS Datasheet HTML 11Page - NXP Semiconductors PCA2125TS Datasheet HTML 12Page - NXP Semiconductors PCA2125TS Datasheet HTML 13Page - NXP Semiconductors PCA2125TS Datasheet HTML 14Page - NXP Semiconductors PCA2125TS Datasheet HTML 15Page - NXP Semiconductors PCA2125TS Datasheet HTML 16Page - NXP Semiconductors PCA2125TS Datasheet HTML 17Page - NXP Semiconductors PCA2125TS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
PCA2125_00
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.11 — 30 January 2007
14 of 40
NXP Semiconductors
PCA2125
SPI Real time clock / calendar
Generation of interrupts from the alarm function is described under the interrupt section,
Section 6.7.3.
6.5.1 Alarm flag
When all enabled comparisons first match, the Alarm Flag (AF) is set. AF will remain set
until cleared by software. Once AF has been cleared it will only be set again when the
time increments to match the alarm condition once more. Alarm registers which have their
bit AEn at logic 1 are ignored.
Figure 9 shows an example for clearing AF but leaving MSF and TF unaffected. Clearing
the flags is made by a write command, therefore bits 7,6,4,1 and 0 must be written with
their previous values. Repeatedly re-writing these bits has no influence on the functional
behavior.
To prevent the timer flags being overwritten while clearing AF, a logic AND is performed
during a write access. Writing a ‘1’ will cause the flag to maintain it’s value, whilst writing a
‘0’ will cause the flag to be reset.
The following tables show what instruction must be sent to clear the AF. In this example,
MSF and TF are unaffected.
Example where only the minute alarm is used and no other interrupts are enabled.
Fig 9.
AF timing
Table 23:
Flag location in control 2
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Control 2
-
-MSF
-AF
TF
-
-
Table 24:
Example to clear only TF (bit 2)
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Control 2
-
-1
-0
1
-
-
001aaf903
44
45
45
minute alarm
minutes counter
AF
INT when AIE = 1
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com