Electronic Components Datasheet Search
  English  ▼

X  

PCA2125TS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA2125TS
Description  SPI Real time clock / calendar
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125TS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA2125TS Datasheet HTML 3Page - NXP Semiconductors PCA2125TS Datasheet HTML 4Page - NXP Semiconductors PCA2125TS Datasheet HTML 5Page - NXP Semiconductors PCA2125TS Datasheet HTML 6Page - NXP Semiconductors PCA2125TS Datasheet HTML 7Page - NXP Semiconductors PCA2125TS Datasheet HTML 8Page - NXP Semiconductors PCA2125TS Datasheet HTML 9Page - NXP Semiconductors PCA2125TS Datasheet HTML 10Page - NXP Semiconductors PCA2125TS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
PCA2125_00
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.11 — 30 January 2007
7 of 40
NXP Semiconductors
PCA2125
SPI Real time clock / calendar
6.2 Reset
The PCA2125 includes an internal reset circuit (see Figure 4) which is active whenever
the oscillator is stopped. The oscillator may be stopped, for example, by grounding one of
the oscillator pins, OSCI or OSCO. The oscillator is also considered to be stopped during
the time between power-up and stable crystal resonance. This time may be in the range of
200ms to 2s depending on crystal type, temperature and supply voltage. Whenever an
internal reset occurs, the RF flag is set.
The SPI interface is initialized whenever the chip enable line CE is inactive.
[1]
registers marked ‘x’ are undefined at power up and unchanged by subsequent resets.
[2]
registers marked ‘-’ are not implemented.
After reset, the following mode is entered:
32768Hz CLKOUT active
Fig 4.
Power on reset
Table 6:
Register reset value
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00HEX
control 1
000-
1000
01HEX
control 2
00000000
02HEX
seconds
1
xxxxxxx
03HEX
minutes
-
xxxxxxx
04HEX
hours
-
-
xxxxxx
05HEX
days
-
-
xxxxxx
06HEX
weekdays
-----x
x
x
07HEX
months
-
-
-
xxxxx
08HEX
years
xxxxxxxx
09HEX
minute alarm
1
xxxxxxx
0AHEX
hour alarm
1
-
xxxxxx
0BHEX
day alarm
1
-
xxxxxx
0CHEX
weekday alarm
1
----x
x
x
0DHEX
CLKOUT control
-----0
0
0
0EHEX
timer control
0
-----1
1
0FHEX
countdown timer
xxxxxxxx
001aaf897
chip in reset
chip not in reset
t
VDD
oscillation
internal
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com