Electronic Components Datasheet Search
  English  ▼

X  

DIA7965 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7965 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
I
Automotive 500 mA, High PSRR Low IQ LDO
Features
AEC-Q100 qualified:
−
Device ambient temperature:
-40 °C ≤ TA ≤ 125 °C
−
Device junction temperature:
-40 °C ≤ TJ ≤ 150 °C
Operating input voltage range: 1.65 V to 5.5 V
Available in various fixed voltage options:
1 V to 3.3 V
Ultra-high PSRR and low noise:
−
PSRR: 95 dB (typ.) at f = 1 kHz
−
Noise: 20 µVRMS
Low quiescent current:
−
18 µA typical at no load
−
10 nA shutdown current
±2% output voltage accuracy over temperature
Stable with a 1 µF small case size ceramic
capacitor
Quick output discharge:
–
DIA7965A: available
–
DIA7965B: not available
Applications
Automotive camera and radar
Automotive infotainment
Telematics systems
Navigation systems
Automotive audio
Package Information
Part Number
Package
Body Size
DIA7965
SOT23-5
2.9 mm × 1.6 mm
DFN-4
1 mm × 1 mm
Description
The DIA7965 series is a 500 mA, ultra-high Power
Supply Ripple Rejection (PSRR) low dropout CMOS
linear regulator. The device features ultra-high PSRR
and low noise to meet the requirements of RF and
other sensitive analog circuits in automotive
applications.
The DIA7965 operates an input voltage range of 1.65
V to 5.5 V and supports fixed output voltage from 1 V
to 3.3 V. With 18 µA low quiescent current at no load,
the DIA7965 is quite suitable for systems requiring
low power and provides fast line and load transient
performance.
The DIA7965 is stable with an 1 µF input and an 1 µF
output small ceramic capacitor, allowing for a small
overall solution size. A precision band-gap and error
amplifier provide high accuracy of ±2% over
operating temperature range. The DIA7965 is
available in SOT23-5 and tiny DFN1*1-4 packages.
Simplified Schematic


Similar Part No. - DIA7965

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA7976 DIOO-DIA7976 Datasheet
2Mb / 25P
500 mA, High-Accuracy LDO with Power-Good for Automotive Application
Apr 2025
DIA7976AAAST5 DIOO-DIA7976AAAST5 Datasheet
2Mb / 25P
500 mA, High-Accuracy LDO with Power-Good for Automotive Application
Apr 2025
DIA7976AADJST5 DIOO-DIA7976AADJST5 Datasheet
2Mb / 25P
500 mA, High-Accuracy LDO with Power-Good for Automotive Application
Apr 2025
DIA7976AOAACD6 DIOO-DIA7976AOAACD6 Datasheet
2Mb / 25P
500 mA, High-Accuracy LDO with Power-Good for Automotive Application
Apr 2025
DIA7976AOAACD8 DIOO-DIA7976AOAACD8 Datasheet
2Mb / 25P
500 mA, High-Accuracy LDO with Power-Good for Automotive Application
Apr 2025
More results

Similar Description - DIA7965

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21-Q1 TI-TPS7A21-Q1 Datasheet
4Mb / 30P
TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2022
TPS7A21-Q1 TI1-TPS7A21-Q1_V01 Datasheet
3Mb / 34P
TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com