Electronic Components Datasheet Search
  English  ▼

X  

DIA7965 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7965 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
8
9. Function Description
The DIA7965 series of LDO linear regulators are ultra-high PSRR and low noise devices with excellent line and
load transient performance. These LDOs are designed for power-sensitive applications. A precision bandgap
and error amplifier provide overall ±2% accuracy. Low output noise, very high PSRR, and low dropout voltage
make this device ideal for most battery-operated handheld equipment. The DIA7965 is fully protected in case of
current overload, output short circuit, and overheating.
9.1. Input capacitor selection (CIN)
The DIA7965 is specifically designed to work with a standard ceramic input capacitor. An Input capacitor
connected as close as possible is necessary to ensure device stability. The X7R or X5R capacitor should be
used because of its minimal variation in values and equivalent series resistance (ESR) over temperature. The
value of the input capacitor should be 1 µF or larger to ensure the optimum dynamic performance. This capacitor
will provide a low impedance path for unwanted AC signals or noise modulated onto constant input voltage.
There is no requirement for the ESR of the input capacitor but it is recommended to use ceramic capacitors for
their low ESR and ESL. A good input capacitor will limit the influence of input trace inductance and source
resistance during sudden load current changes.
9.2. Output capacitor selection (COUT)
The DIA7965 requires an output capacitance, and the value of the input capacitor should be 1 µF or larger for
stability. Use X5R and X7R ceramic capacitors because of its minimal variation in value and equivalent series
resistance (ESR) over temperature. Select a minimum effective capacitance of 0.7 μF for COUT, considering
capacitance changes with temperature, DC bias and package size. A capacitance of 0.7 μF or higher can satisfy
the requirement of all levels of VIN, VOUT, and load.
Larger output capacitors and lower ESR could improve the load transient response or high frequency PSRR. It is
not recommended to use tantalum capacitors on the output due to their large ESR. The equivalent series
resistance of tantalum capacitors is also strongly dependent on the temperature, increasing at low temperatures.
9.3. Enable operation
The DIA7965 uses the EN pin to enable or disable its device and discharge function (just for DIA7965A). If the
EN pin voltage is pulled below 0.4 V, the device is guaranteed to be disabled. The active discharge transistor in
the devices with the active discharge feature is activated and the output voltage VOUT is pulled to GND through
an internal circuitry with an effective resistance of about 100 Ω.
If the EN pin voltage is higher than 1.0 V the device is guaranteed to be enabled. The internal active discharge
circuitry is switched off and the desired output voltage is available at the output pin. In case of the enable
function is not required, the EN pin should be connected directly to the input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com