Electronic Components Datasheet Search
  English  ▼

X  

DIA7965 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7965 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
IV
List of Figures
Figure 1. Output voltage (1.2 V) vs. Temperature ...........................................................................................4
Figure 2. Output voltage (1.8 V) vs. Temperature ...........................................................................................4
Figure 3. Output voltage (3.3 V) vs. Temperature ...........................................................................................4
Figure 4. Dropout voltage vs. Output current ..................................................................................................4
Figure 5. PSRR vs. Frequency ....................................................................................................................... 4
Figure 6. PSRR vs. Frequency ....................................................................................................................... 4
Figure 7. PSRR vs. Frequency ....................................................................................................................... 5
Figure 8. PSRR vs. Frequency ....................................................................................................................... 5
Figure 9. Turn-on time.....................................................................................................................................5
Figure 10. Turn-off time...................................................................................................................................5
Figure 11. Load transient response ................................................................................................................ 5
Figure 12. Load transient response................................................................................................................ 5
Figure 13. Load transient response................................................................................................................ 6
Figure 14. Load transient response................................................................................................................ 6
Figure 15. Shutdown current vs. Input voltage ............................................................................................... 6
Figure 16. Shutdown current vs. Temperature ................................................................................................6
Figure 17. Enable current vs. Input voltage ....................................................................................................6
Figure 18. Quiescent current vs. Input voltage ...............................................................................................6
Figure 19. Quiescent current vs. Temperature ............................................................................................... 7
Figure 20. Dropout voltage vs. Temperature .................................................................................................. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com