Electronic Components Datasheet Search
  English  ▼

X  

DIA7965 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7965 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
3
6. Electrical Characteristics
The typical values are obtained under these conditions unless otherwise specified: -40°C ≤ TA ≤ 125°C; VIN =
VOUT(NOM) + 1 V; IOUT = 1 mA, CIN = COUT = 1 μF. Typical values are at TA = 25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operating input voltage
1.65
5.5
V
VOUT
Output voltage accuracy
VIN = VOUT(NOM) + 1 V,
IOUT = 1 mA
VOUT < 2 V
-40
40
mV
VOUT ≥ 2 V
-2
2
%
LineReg
Line regulation
VOUT(NOM) +1 V < VIN ≤ 5.5 V
6
mV
LoadReg
Load regulation
IOUT = 1 mA to 500 mA
40
mV
VDO
Dropout voltage
IOUT = 500 mA
VOUT(NOM) = 1.8 V
290
370
mV
VOUT(NOM) = 2.8 V
180
270
VOUT(NOM) = 3.3 V
160
260
ICL
Output current limit
VOUT = 90% VOUT(NOM)
500
700
mA
ISC
Short circuit current
VOUT = 0 V
200
mA
IQ
Quiescent current
IOUT = 0 mA
18
55
μA
ISD
Shutdown current
VEN = 0.4 V, VIN = 5 V
0.01
20
μA
VENH
EN pin threshold voltage
EN input voltage high
1
V
VENL
EN input voltage low
0.4
V
IEN
EN pull down current
VEN = 5 V
0.1
0.5
μA
tON
Turn-on time
COUT = 1 µF, from assertion of VEN to VOUT =
90% VOUT(NOM)
300
μs
PSRR
Power supply rejection
ratio
IOUT = 10 mA
f = 100 Hz
91
dB
f = 1 kHz
95
f = 10 kHz
75
f = 100 kHz
55
f = 1 MHz
56
VN
Output voltage noise
f =10 Hz to 100 kHz
IOUT = 1 mA
20
μVRMS
IOUT = 500 mA
15
RDIS
Active output discharge
resistance
VEN = 0.4 V, DIA7965A only
50
100
150
Ω
TSDH
Thermal shutdown
threshold
Temperature rising
160
°C
TSDL
Temperature falling
135
°C
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com