Electronic Components Datasheet Search
  English  ▼

X  

DIA7965 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7965 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
II
Ordering Information
Ordering Part
Number
Top
Marking
MSL Description RoHS
TA
Package
DIA7965AaaST5
AEXYW
1
Active
discharge
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIA7965BaaST5
AFXYW
1
Non-active
discharge
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIA7965AaaEN4
YWEX
1
Active
discharge
Green
-40 to 125°C
DFN1*1-4 Tape & Reel, 10000
DIA7965BaaEN4
YWFX
1
Non-active
discharge
Green
-40 to 125°C
DFN1*1-4 Tape & Reel, 10000
Output Voltage Options
Option Code “
aa”
10
11
12
15
18
25
28
29
30
33
Voltage (V)
1.0
1.1
1.2
1.5
1.8
2.5
2.8
2.9
3
3.3
Marking Definition
AEXYW
AE: product code; Y: year code; W: week code
AFXYW
AF: product code; Y: year code; W: week code
YWEX
Y: year code; W: week code; E: product code
YWFX
Y: year code; W: week code; F: product code
Voltage Code
Option Code “X”
E
D
F
G
H
J
K
R
L
M
Voltage (V)
1.0
1.1
1.2
1.5
1.8
2.5
2.8
2.9
3
3.3
If you encounter any issue in the process of using the device, please contact our customer
service at marketing@dioo.com or phone us at (+86)-21-62116882. If you have any
improvement suggestions regarding the datasheet, we encourage you to contact our technical
writing team at docs@dioo.com. Your feedback is invaluable for us to provide a better user
experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com