Electronic Components Datasheet Search
  English  ▼

X  

DIA7965 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7965 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
1
1. Pin Assignment and Functions
Top view
Pin Name
Description
IN
Input voltage supply pin.
GND
Power supply ground.
EN
Enable pin. This pin has a 100 nA pull-down current source. Connect to logic high for normal
operation.
NC
Do not connect.
OUT
Regulated output voltage. Bypassed the output with a small 1 µF ceramic capacitor.
Thermal PAD
Exposed Pad. Exposed pad can be tied to ground plane for better power dissipation.
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 V to 6
V
VOUT
Output voltage
-0.3 to VIN + 0.3, max.6
V
VEN
Chip enable input
-0.3 to 6
V
tSC
Output short circuit duration
unlimited
s
TJ
Maximum junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com