Electronic Components Datasheet Search
  English  ▼

X  

DIA7965 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7965 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7965 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
10
9.9. Power supply rejection ratio
The DIA7965 features a very high Power Supply Rejection ratio to meet the requirements of RF and analog
circuits. If desired the PSRR at higher frequencies in the range 100 kHz ~ 1 MHz can be tuned by the selection
of COUT capacitor and proper PCB layout.
9.10. Turn-on time
The turn-on time is defined as the time period from EN activation to the point in which VOUT will reach 90% of its
nominal value. The time is dependent on various application conditions such as VOUT(NOM), COUT, TA.
10. Layout Guidelines
An optimal layout can greatly improve transient performance, PSRR, and noise. CIN and COUT capacitors should
be placed near device pins and PCB traces should be widely spaced for excellent performance. Place ground
return connections to the input and output capacitors. Larger copper area connected to the pins will also improve
the device thermal resistance. For better power dissipation and lower device temperatures, tie the exposed pad
to the GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com