Electronic Components Datasheet Search
  English  ▼

X  

ADS9316 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS9316
Description  ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9316 Datasheet(HTML) 2 Page - Texas Instruments

  ADS9316 Datasheet HTML 1Page - Texas Instruments ADS9316 Datasheet HTML 2Page - Texas Instruments ADS9316 Datasheet HTML 3Page - Texas Instruments ADS9316 Datasheet HTML 4Page - Texas Instruments ADS9316 Datasheet HTML 5Page - Texas Instruments ADS9316 Datasheet HTML 6Page - Texas Instruments ADS9316 Datasheet HTML 7Page - Texas Instruments ADS9316 Datasheet HTML 8Page - Texas Instruments ADS9316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings............................................................... 5
5.3 Thermal Information....................................................5
5.4 Recommended Operating Conditions.........................6
5.5 Electrical Characteristics ............................................7
5.6 Electrical Characteristics: AVDD = 5V ....................... 8
5.7 Electrical Characteristics: AVDD = 3.3V .................... 9
5.8 Timing Requirements................................................10
5.9 Switching Characteristics..........................................10
5.10 Timing Diagrams .................................................... 11
5.11 Typical Characteristics............................................ 14
6 Detailed Description......................................................22
6.1 Overview................................................................... 22
6.2 Functional Block Diagram......................................... 22
6.3 Feature Description...................................................22
6.4 Device Functional Modes..........................................32
6.5 Programming............................................................ 33
7 Register Map.................................................................. 40
7.1 Register Bank 0........................................................ 40
7.2 Register Bank 1........................................................ 43
8 Application and Implementation.................................. 59
8.1 Application Information............................................. 59
8.2 Typical Application.................................................... 59
8.3 Power Supply Recommendations.............................61
8.4 Layout....................................................................... 61
9 Revision History............................................................ 62
10 Device and Documentation Support..........................63
10.1 Documentation Support.......................................... 63
10.2 Receiving Notification of Documentation Updates..63
10.3 Support Resources................................................. 63
10.4 Trademarks.............................................................63
10.5 Electrostatic Discharge Caution..............................63
10.6 Glossary..................................................................63
11 Mechanical, Packaging, and Orderable
Information.................................................................... 63
11.1 Mechanical Data..................................................... 64
ADS9316, ADS9317
SBASAX4 – JUNE 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ADS9316 ADS9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com