Electronic Components Datasheet Search
  English  ▼

X  

ADS9316 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS9316
Description  ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9316 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS9316 Datasheet HTML 24Page - Texas Instruments ADS9316 Datasheet HTML 25Page - Texas Instruments ADS9316 Datasheet HTML 26Page - Texas Instruments ADS9316 Datasheet HTML 27Page - Texas Instruments ADS9316 Datasheet HTML 28Page - Texas Instruments ADS9316 Datasheet HTML 29Page - Texas Instruments ADS9316 Datasheet HTML 30Page - Texas Instruments ADS9316 Datasheet HTML 31Page - Texas Instruments ADS9316 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Table 6-6. Simple Average Initialization Sequence for Non-continuous CONVST (continued)
Step
Description
4
Wait 100μs.
5
Provide 2 additional pulses of CONVST.
Figure 6-14 illustrates the timing to enable simple averaging for an average of 2 samples with a noncontinuous
CONVST with default timing.
ENABLE SIMPLE
AVERAGE
SCLK
SDI
CS
CONVST
Dx
AVG_SYNC = 1
ADC DATA
(S1 + S2) / 2
ADC DATA
(S3 + S4) / 2
S1
S2
S3
S4
S5
Wait 100µs
Figure 6-14. Simple Average Enable Sequence Timing with Noncontinuous CONVST for Average of 2
Samples
ADS931x also supports simple averaging with noncontinuous CONVST in low latency mode. Figure 6-15
illustrates the timing for implementing simple averaging with a noncontinuous CONVST signal in low latency
mode.
ENABLE SIMPLE
AVERAGE
SCLK
SDI
CS
CONVST
Dx
AVG_SYNC = 1
ADC DATA
(S1 + S2) / 2
ADC DATA
(S3 + S4) / 2
S1
S2
tconv+tLOW_LAT
Wait 100µs
S3
S4
Figure 6-15. Simple Average Enable Sequence Timing with Noncontinuous CONVST in Low Latency
Mode
6.3.5.2 Moving Average
To enable moving data averaging, select the averaging window size by writing to MAVG_MODE in address
0x0D. in register bank 1. The moving average window size is user-selectable between 2, 4, and 8 conversions.
Table 6-7 specifies the improvement in SNR with moving data averaging. Figure 6-16 illustrates the ADC output
timing for a moving average of four samples.
Table 6-7. Moving Average - ADC Output Data Rate and SNR vs Data Averaging
OVERSAMPLING RATIO
SNR - ADS9317 (18-BIT)
MAXIMUM OUTPUT DATA RATE
No averaging
95.4dB
5MSPS
2
98.5dB
5MSPS
ADS9316, ADS9317
SBASAX4 – JUNE 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ADS9316 ADS9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com