Electronic Components Datasheet Search
  English  ▼

X  

ADS9316 Datasheet(PDF) 49 Page - Texas Instruments

Part # ADS9316
Description  ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9316 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS9316 Datasheet HTML 45Page - Texas Instruments ADS9316 Datasheet HTML 46Page - Texas Instruments ADS9316 Datasheet HTML 47Page - Texas Instruments ADS9316 Datasheet HTML 48Page - Texas Instruments ADS9316 Datasheet HTML 49Page - Texas Instruments ADS9316 Datasheet HTML 50Page - Texas Instruments ADS9316 Datasheet HTML 51Page - Texas Instruments ADS9316 Datasheet HTML 52Page - Texas Instruments ADS9316 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
7.2.5 Register 0Ch (Address = 0x0C) [Reset = 0x0000]
Return to the Summary Table.
Figure 7-7. Register 0Ch
15
14
13
12
11
10
9
8
RESERVED
PD_REF[1:0]
R/W-000000b
R/W-00b
7
6
5
4
3
2
1
0
RESERVED
CLK_PWR[2:0]
RESERVED
R/W-0b
R/W-000b
R/W-0000b
Table 7-11. Register 0Ch Field Descriptions
Bit
Field
Type
Reset
Description
15:10
RESERVED
R/W
000000b
Reserved. Do not change from the default reset value.
9:8
PD_REF[1:0]
R/W
00b
ADC reference voltage source selection.
00b = Normal device operation. Internal reference is active.
10b = Internal reference is active.
11b = Internal reference is inactive. Force an external reference via REFIO (pin 9).
7
RESERVED
R/W
0b
Reserved. Do not change from the default reset value.
6:4
CLK_PWR[2:0]
R/W
000b
Control to select the power supply domain for the input clock.
000b = IOVDD domain.
101b = VDD_1V8 domain.
3:0
RESERVED
R/W
0000b
Reserved. Do not change from the default reset value.
www.ti.com
ADS9316, ADS9317
SBASAX4 – JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADS9316 ADS9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com