Electronic Components Datasheet Search
  English  ▼

X  

ADS9316 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS9316
Description  ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9316 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS9316 Datasheet HTML 35Page - Texas Instruments ADS9316 Datasheet HTML 36Page - Texas Instruments ADS9316 Datasheet HTML 37Page - Texas Instruments ADS9316 Datasheet HTML 38Page - Texas Instruments ADS9316 Datasheet HTML 39Page - Texas Instruments ADS9316 Datasheet HTML 40Page - Texas Instruments ADS9316 Datasheet HTML 41Page - Texas Instruments ADS9316 Datasheet HTML 42Page - Texas Instruments ADS9316 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Table 6-17. Register Read Sequence
FRAME NUMBER
REGISTER
DESCRIPTION
ADDRESS
VALUE[15:0]
1
0xFE
0xB38F
Unlocks the register map.
2
0xFE
0xABCD
3
0x02
0x02
Selects register bank 1. This step is only
required for register bank 1.
4
0x01
REG_READ_ADDR[15:8] = REG_ADDR,
RESET[1] = 0, DATA_SEL[0] = 1
REG_READ_ADDR selects the address
to be read and DATA_SEL launches the
selected register data on D3 in the following
frame.
5
REG_ADDR
DATA
The 16-bit data requested in the previous
frame is available on D3. In this frame, issue
another read register command or write
DATA_SEL = 0 in address 0x01. This setting
begins launching ADC conversion data on
the data interface in the next frame. Repeat
this step for the required number of register
reads.
6
0xFE
0x1234
Locks the register map after register
operations are completed.
www.ti.com
ADS9316, ADS9317
SBASAX4 – JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADS9316 ADS9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com