Electronic Components Datasheet Search
  English  ▼

X  

ADS9316 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS9316
Description  ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9316 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS9316 Datasheet HTML 28Page - Texas Instruments ADS9316 Datasheet HTML 29Page - Texas Instruments ADS9316 Datasheet HTML 30Page - Texas Instruments ADS9316 Datasheet HTML 31Page - Texas Instruments ADS9316 Datasheet HTML 32Page - Texas Instruments ADS9316 Datasheet HTML 33Page - Texas Instruments ADS9316 Datasheet HTML 34Page - Texas Instruments ADS9316 Datasheet HTML 35Page - Texas Instruments ADS9316 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
6.4 Device Functional Modes
6.4.1 Reset
Reset the ADS931x by writing 1b to the RESET field in address 0x01. The device registers are initialized to the
default values after reset.
6.4.2 Normal Operation
In normal operating mode, the ADS931x is powered up and digitizes sample N on the falling edge of CONVST.
Data corresponding to sample N − 1 is launched on the digital interface on the falling edge of CS as illustrated in
Figure 5-2.
6.4.3 Low-Latency Mode
In low-latency mode, the conversion for sample N starts on the falling edge of CONVST. Data corresponding
to sample N are launched on the digital interface on the falling edge of CS. As illustrated in Figure 5-3, the
host provides a minimum time of tCONV + tLOW_LAT between the falling edges of CONVST and CS. To enter
low-latency mode, write 1b to LATENCY_MODE in address 0x09.
6.4.4 CS-CONVST Short Mode
In CS-CONVST short mode, tie CS and CONVST together externally. As illustrated in Figure 5-4, the ADS931x
digitizes sample N on the falling edge of CONVST. Data corresponding to sample N − 1 are launched on the
digital interface on the falling edge of CS. CS-CONVST short mode is supported by default and creates a 5ns
internal delay between the falling edge of CONVST and CS. The internal delay between CONVST and CS is
disabled by writing 1b to CSZ_CONVST_DELAY_DIS in address 0x13.
6.4.5 Register Read Mode
In register read mode, the device launches the requested device register data on D3. To enter register read
mode, set DATA_SEL = 1b as described in the Register Read section.
6.4.6 Initialization Sequence
The ADS931x is designed to support a wide range of signal input common-modes. To set the voltage output
common-mode on external circuits, the device provides a voltage output on the VCMOUT pin, which matches
the expected input common-mode of the device. If the input signal common-mode is equal to the default
VCMOUT (VCMOUT_SEL = 0b), no initialization sequence is required.
If the input signal common-mode is set to a value other than the default VCMOUT, program the VCMOUT_SEL
register field to the equivalent value. After VCMOUT_SEL is programmed to the device, provide 800 cycles of
CONVST. Table 6-9 shows the steps to initialize the device if the input signal common-mode does not match the
default value of VCMOUT.
Table 6-9. ADS931x Initialization Sequence
STEP NUMBER
DESCRIPTION
1
Unlock the register map.
2
Select the value of VCMOUT by writing to VCMOUT_SEL.
3
Lock the register map.
4
Provide 800 cycles of CONVST.
ADS9316, ADS9317
SBASAX4 – JUNE 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ADS9316 ADS9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com