Electronic Components Datasheet Search
  English  ▼

X  

ADS9316 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS9316
Description  ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9316 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS9316 Datasheet HTML 4Page - Texas Instruments ADS9316 Datasheet HTML 5Page - Texas Instruments ADS9316 Datasheet HTML 6Page - Texas Instruments ADS9316 Datasheet HTML 7Page - Texas Instruments ADS9316 Datasheet HTML 8Page - Texas Instruments ADS9316 Datasheet HTML 9Page - Texas Instruments ADS9316 Datasheet HTML 10Page - Texas Instruments ADS9316 Datasheet HTML 11Page - Texas Instruments ADS9316 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
5.6 Electrical Characteristics: AVDD = 5V
at AVDD = 4.5V to 5.5V, VDD_1V8 = 1.75V to 1.85V, IOVDD = 1.75V to 3.3V, internal VREF = 4.096V, and maximum
throughput (unless otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SINAD
Signal-to-noise + distortion ratio
fIN = 2kHz (ADS9317)
92.9
95.3
dB
fIN = 2kHz (ADS9316)
93.1
95.7
fIN = 1MHz
92.8
SNR
Signal-to-noise ratio
fIN = 2kHz (ADS9317)
92.9
95.4
dB
fIN = 2kHz (ADS9316)
93.1
95.8
fIN = 1MHz
92.9
THD
Total harmonic distortion
fIN = 2kHz
–115
dB
fIN = 1MHz
–100
SFDR
Spurious-free dynamic range
fIN = 2kHz
115
dB
fIN = 1MHz
100
Channel-to-channel isolation
VIN_ADCA = 0V,
fIN_ADCB = 10kHz at 100% FSR
–110
dB
POWER SUPPLY
IAVDD
Supply current from AVDD
Full-speed (ADS9317)
4.3
4.7
mA
Full-speed (ADS9316)
2.7
3.1
No conversion (idle) (ADS9317)
1.5
1.8
No conversion (idle) (ADS9316)
1.05
1.3
Power-down
0.35
0.7
IVDD_1V8 Supply current from VDD_1V8
Full-speed (ADS9317)
9.8
10.4
mA
Full-speed (ADS9316)
7.2
7.7
No conversion (idle) (ADS9317)
6.8
7.3
No conversion (idle) (ADS9316)
5.2
5.7
Power-down
0.8
1
IIOVDD
Supply current from IOVDD
Full-speed (ADS9317), CLOAD = 10pF
2.7
3
mA
Full-speed (ADS9316), CLOAD = 10pF
1.6
1.8
No conversion (idle), CLOAD = 10pF
0.25
0.35
Power-down, CLOAD = 10pF
0.25
0.35
ADS9316, ADS9317
SBASAX4 – JUNE 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ADS9316 ADS9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com