Electronic Components Datasheet Search
  English  ▼

X  

ADS9316 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS9316
Description  ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9316 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS9316 Datasheet HTML 17Page - Texas Instruments ADS9316 Datasheet HTML 18Page - Texas Instruments ADS9316 Datasheet HTML 19Page - Texas Instruments ADS9316 Datasheet HTML 20Page - Texas Instruments ADS9316 Datasheet HTML 21Page - Texas Instruments ADS9316 Datasheet HTML 22Page - Texas Instruments ADS9316 Datasheet HTML 23Page - Texas Instruments ADS9316 Datasheet HTML 24Page - Texas Instruments ADS9316 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
5.11 Typical Characteristics (continued)
at TA = 25°C, AVDD = 5V, VDD_1V8 = 1.8V, external VREF = 4.096V, and maximum throughput (unless otherwise noted)
Each curve corresponds to a ADS931x unit under test.
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
2.23
2.232
2.234
2.236
2.238
2.24
2.242
2.244
2.246
2.248
2.25
4.096V reference
Figure 5-43. VCMOUT Voltage vs Temperature With 4.096V
Reference
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
1.368
1.369
1.37
1.371
1.372
1.373
1.374
1.375
1.376
1.377
1.378
2.5V reference
Figure 5-44. VCMOUT Voltage vs Temperature With 2.5V
Reference
www.ti.com
ADS9316, ADS9317
SBASAX4 – JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS9316 ADS9317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com