Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 2 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 2 Page - Texas Instruments

  ISOTMP35R Datasheet HTML 1Page - Texas Instruments ISOTMP35R Datasheet HTML 2Page - Texas Instruments ISOTMP35R Datasheet HTML 3Page - Texas Instruments ISOTMP35R Datasheet HTML 4Page - Texas Instruments ISOTMP35R Datasheet HTML 5Page - Texas Instruments ISOTMP35R Datasheet HTML 6Page - Texas Instruments ISOTMP35R Datasheet HTML 7Page - Texas Instruments ISOTMP35R Datasheet HTML 8Page - Texas Instruments ISOTMP35R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison......................................................... 3
5 Pin Configuration and Functions...................................5
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................6
6.5 Insulation Specification............................................... 7
6.6 Power Ratings.............................................................8
6.7 Safety-Related Certifications...................................... 8
6.8 Safety Limiting Values.................................................8
6.9 Electrical Characteristics.............................................9
6.10 Typical Characteristics............................................ 10
7 Detailed Description......................................................13
7.1 Overview................................................................... 13
7.2 Functional Block Diagram......................................... 13
7.3 Functional Description.............................................. 13
7.4 Device Functional Modes..........................................20
8 Application and Implementation.................................. 21
8.1 Application Information............................................. 21
8.2 Layout....................................................................... 28
9 Device and Documentation Support............................29
9.1 Documentation Support............................................ 29
9.2 Receiving Notification of Documentation Updates....29
9.3 Support Resources................................................... 29
9.4 Trademarks...............................................................29
9.5 Electrostatic Discharge Caution................................29
9.6 Glossary....................................................................29
10 Revision History.......................................................... 30
11 Mechanical, Packaging, and Orderable
Information.................................................................... 30
11.1 Mechanical Data..................................................... 31
11.2 Package Option Addendum.................................... 34
11.3 Tape and Reel Information...................................... 35
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com