Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 20 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISOTMP35R Datasheet HTML 16Page - Texas Instruments ISOTMP35R Datasheet HTML 17Page - Texas Instruments ISOTMP35R Datasheet HTML 18Page - Texas Instruments ISOTMP35R Datasheet HTML 19Page - Texas Instruments ISOTMP35R Datasheet HTML 20Page - Texas Instruments ISOTMP35R Datasheet HTML 21Page - Texas Instruments ISOTMP35R Datasheet HTML 22Page - Texas Instruments ISOTMP35R Datasheet HTML 23Page - Texas Instruments ISOTMP35R Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Table 7-2. Response Time and Final Temperature Comparison
Parameter
ISOTMP35R
NTC (with Epoxy)
NTC (without Epoxy)
Thermal Coupling Path
Direct
(through TSENSE pins)
Remote
(FR-4 PCB with thermal epoxy)
Remote
(FR-4 PCB conductive path only)
Coupling Material Conductivity
Copper: 400W/mK
Epoxy: 3.7W/mK
FR-4: 0.2W/mK
Distance from Heat Source
Directly coupled
8mm
8mm
Response Time (τ63%)
4.7s
75.0s
90.5s
Response Time (τ86%)
24.6s
143.4s
173.6s
Final Temperature
121.5°C
92.5°C
90.5°C
Note
Thermal conductivity values shown are representative bulk values of the primary materials in the
thermal coupling path and are provided for relative comparison only. Effective thermal response
depends on the complete thermal path, including geometry, interface thickness, contact area, and
PCB construction.
In contrast, NTC implementations introduce additional thermal resistance and delay due to physical separation
from the heat source and the presence of intermediate materials. The use of thermal epoxy improves conduction
compared to a bare NTC, but still results in slower response and increased deviation from the reference
temperature.
Additional details on test methodology, thermal modeling, and system-level considerations are provided in
application note Improving Thermal Response Time and Accuracy in High- Voltage Applications.
7.3.3.3 Still Air Thermal Response
Still air thermal response represents a worst-case condition where heat transfer occurs primarily through natural
convection. In this environment, the rate of heat transfer is significantly lower than in directional or liquid-based
conditions, resulting in slower response times. This condition highlights the importance of proper thermal
coupling between the TSENSE pins and the heat source. Figure 7-11 shows the corresponding still-air response
behavior.
Time (s)
-100
100
300
500
700
900
0
25
50
75
100
125
T63%  123.0s
T86%  265.0s
VOUT
Figure 7-11. Thermal Response (Still Air)
7.4 Device Functional Modes
The singular functional mode of the ISOTMP35R is an analog output directly proportional to temperature.
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com