Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 7 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISOTMP35R Datasheet HTML 3Page - Texas Instruments ISOTMP35R Datasheet HTML 4Page - Texas Instruments ISOTMP35R Datasheet HTML 5Page - Texas Instruments ISOTMP35R Datasheet HTML 6Page - Texas Instruments ISOTMP35R Datasheet HTML 7Page - Texas Instruments ISOTMP35R Datasheet HTML 8Page - Texas Instruments ISOTMP35R Datasheet HTML 9Page - Texas Instruments ISOTMP35R Datasheet HTML 10Page - Texas Instruments ISOTMP35R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
6.5 Insulation Specification
Over free-air temperature range and VDD = 3.1V to 34V (unless otherwise noted)
Typical specifications are at TA = 25°C and VDD = 3.3V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
External Clearance(1)
Shortest terminal-to-terminal distance through air
≥8
mm
CPG
External Creepage(1)
Shortest terminal-to-terminal distance across the package surface
≥8
mm
DTI
Distance through the
insulation
Minimum internal gap (internal clearance)
17
µm
CTI
Comparative tracking index
DIN EN 60112; IEC 60112
≥600
V
Material Group
According to IEC 60664-1
I
Overvoltage category
Rated mains voltage ≤ 150VRMS
I-IV
Rated mains voltage ≤ 300VRMS
I-III
VIOWM
Maximum AC isolation
working voltage
AC voltage (bipolar sine wave): Time-
dependent Dielectric Breakdown (TDDB) Test
< 1ppm fail rate/30 yrs
750
VRMS
< 1ppm fail rate/15 yrs
1060
VIORM
Maximum repetitive peak
isolation working voltage
Peak voltage (bipolar sine wave): Time-
dependent Dielectric Breakdown (TDDB) Test
< 1ppm fail rate/30 yrs
1060
VPK
< 1ppm fail rate/15 yrs
1500
VIODC
Maximum DC isolation
working voltage
DC voltage: Time-dependent Dielectric
Breakdown (TDDB) Test
< 1ppm fail rate/30 yrs
1000
VDC
< 1ppm fail rate/15 yrs
1500
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM, t = 60s (qualification test),
VTEST = 1.2 × VIOTM, t = 1s (100% production test)
7000
VPK
VIMP
Maximum impulse voltage(2) Tested in air, 1.2/50-μs waveform per IEC 62368-1(5)
8000
VPK
VIOSM
Maximum surge isolation
voltage(3)
Tested in oil (qualification test),
1.2/50-μs waveform per IEC 62368-1(5)
10400
VPK
qpd
Apparent charge(4)
Method a, after input/output safety test subgroups 2 and 3,
Vpd(ini) = VIOTM, tini = 60s, Vpd(m) = 1.2 × VIORM, tm = 10s
≤5
pC
Method a, after environmental tests subgroup 1,
Vpd(ini) = VIOTM, tini = 60s, Vpd(m) = 1.3 × VIORM, tm = 10s
≤5
Method b, at preconditioning (type test) and routine test,
Vpd(ini) = VIOTM, tini = 1s, Vpd(m) = 1.5 × VIORM, tm = 1s
≤5
CIO
Barrier capacitance,
input to output(5)
VIO = 0.1VPP at 100kHz
2.2
pF
RIO
Insulation resistance,
input to output(5)
VIO = 500V at TA = 25°C
>1012
Ω
VIO = 500V at 100°C ≤ TA ≤ 125°C
>1011
VIO = 500V at TA = 150°C
>109
Pollution degree
2
Climatic category
55/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO, t = 60s (qualification);
VTEST = 1.2 × VISO, t = 1s (100% production)
5000
VRMS
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Take care
to maintain the creepage and clearance distance of the board design to make sure that the mounting pads of the isolator on the
printed circuit board do not reduce this distance. Creepage and clearance on a printed circuit board become equal in certain cases.
Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these specifications.
(2)
Testing is carried out in air to determine the surge immunity of the package.
(3)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device.
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com