Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 11 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISOTMP35R Datasheet HTML 7Page - Texas Instruments ISOTMP35R Datasheet HTML 8Page - Texas Instruments ISOTMP35R Datasheet HTML 9Page - Texas Instruments ISOTMP35R Datasheet HTML 10Page - Texas Instruments ISOTMP35R Datasheet HTML 11Page - Texas Instruments ISOTMP35R Datasheet HTML 12Page - Texas Instruments ISOTMP35R Datasheet HTML 13Page - Texas Instruments ISOTMP35R Datasheet HTML 14Page - Texas Instruments ISOTMP35R Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Te mperature (
C)
-50
-25
0
25
50
75
100
125
150
-0.1
-0.075
-0.05
-0.025
0
0.025
0.05
0.075
0.1
Normilized Line Regulation
VDD = 3.1 to 34V, ILOAD = 0µA, CLOAD = 0pF
Figure 6-7. Line Regulation vs Temperature
Time (s)
-2
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
125
T63%  2.0s
T86%  6.0s
VOUT
25°C to 150°C Air to Fluid Bath Thermal Step Response
(2-layer 62-mil rigid PCB, 0.5in × 0.5in)
Figure 6-8. Thermal Response (Stirred Liquid Bath)
Time (s)
0
25
50
75
100
125
-10
0
10 20 30 40 50 60 70 80 90 100 110 120
T63%  3.7s
T86%  33.0s
Final Te mperature
VOUT
25°C to 75°C Thermal Step Response in Still Air
(2-layer 62-mil rigid PCB, 2oz copper)
Figure 6-9. Thermal Response (Directional)
Time (s)
-100
100
300
500
700
900
0
25
50
75
100
125
T63%  123.0s
T86%  265.0s
VOUT
25°C to 75°CStill Air Thermal Step Response
(2-layer 62-mil rigid PCB, 0.5in × 0.5in)
Figure 6-10. Thermal Response (Still Air)
Time (
s)
-10
0
10
20
30
40
50
60
70
-0.5
-0.25
0
0
0.5
0.25
1
0.5
1.5
0.75
2
1
2.5
1.25
3
1.5
3.5
1.75
4
2
VDD
VOUT
VDD = 3.3V, TA = 25°C, CBYPASS = 0nF, CLOAD = 0pF
Figure 6-11. VOUT vs VDD Step Response
(Slew Rate = 2.75V/µs)
Time (
s)
-100
0
100
200
300
400
500
-0.5
-0.25
0
0
0.5
0.25
1
0.5
1.5
0.75
2
1
2.5
1.25
3
1.5
3.5
1.75
4
2
VDD
VOUT
VDD = 3.3V, TA = 25°C, CBYPASS = 0nF, CLOAD = 0pF
Figure 6-12. VOUT vs VDD Step Response
(Slew Rate = 0.23V/µs)
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com