Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 5 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 5 Page - Texas Instruments

  ISOTMP35R Datasheet HTML 1Page - Texas Instruments ISOTMP35R Datasheet HTML 2Page - Texas Instruments ISOTMP35R Datasheet HTML 3Page - Texas Instruments ISOTMP35R Datasheet HTML 4Page - Texas Instruments ISOTMP35R Datasheet HTML 5Page - Texas Instruments ISOTMP35R Datasheet HTML 6Page - Texas Instruments ISOTMP35R Datasheet HTML 7Page - Texas Instruments ISOTMP35R Datasheet HTML 8Page - Texas Instruments ISOTMP35R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
VDD
NC
VOUT
NC
GND
NC
Figure 5-1. DFP Package 12-Pin SSOP Top View
Table 5-1. Pin Functions
PIN
TYPE(1) DESCRIPTION
NAME
DFP
GND
5
G
Ground reference.
NC
2
—
No internal connection. These pins can be left floating or connected to GND. Connecting
the pins to GND can improve EMI robustness in noisy environments.
4
6
TSENSE
7
T
Isolated temperature sensing node. Place TSENSE pins in close thermal proximity to
the heat source to minimize thermal gradients and improve measurement accuracy. See
Section 8.2.1 and Section 8.2.2 for layout recommendations and examples.
8
9
10
11
12
VDD
1
P
Supply voltage input. Use a low-noise supply and place a 0.1µF decoupling capacitor
close to the VDD and GND pins. See Section 8.1.4 for additional power-supply
recommendations.
VOUT
3
O
Analog output voltage proportional to temperature. The output is optimized to interface
directly with ADC inputs. See Section 7.3.2.2 for capacitive load driving considerations and
Section 8.1.3 for ADC interface guidance.
(1)
I = Input, O = Output, I/O = Input or Output, T = Thermal Sensing Node, G = Ground, P = Power
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com