Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 4 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 4 Page - Texas Instruments

  ISOTMP35R Datasheet HTML 1Page - Texas Instruments ISOTMP35R Datasheet HTML 2Page - Texas Instruments ISOTMP35R Datasheet HTML 3Page - Texas Instruments ISOTMP35R Datasheet HTML 4Page - Texas Instruments ISOTMP35R Datasheet HTML 5Page - Texas Instruments ISOTMP35R Datasheet HTML 6Page - Texas Instruments ISOTMP35R Datasheet HTML 7Page - Texas Instruments ISOTMP35R Datasheet HTML 8Page - Texas Instruments ISOTMP35R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ISOTMP 35 R DFP R
Device Name
Insulation Grade
Device Family
T&R Packing Size
TI Package Designator
Figure 4-1. ISOTMP35R Device Nomenclature
Table 4-2. ISOTMP35R Device Nomenclature Description
Field Description
Field Detail
Device Family
•
ISOTMP: Isolated Temperature Sensors
Device Name
•
35
Insulation Grade
•
R: Reinforced
Temperature Range
•
–40°C to 150°C
TI Package Designator
•
DFP: 12-Pin SSOP
T&R Packing Size
•
R: Large T&R, SPQ = 2,000 units
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com