Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 21 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISOTMP35R Datasheet HTML 17Page - Texas Instruments ISOTMP35R Datasheet HTML 18Page - Texas Instruments ISOTMP35R Datasheet HTML 19Page - Texas Instruments ISOTMP35R Datasheet HTML 20Page - Texas Instruments ISOTMP35R Datasheet HTML 21Page - Texas Instruments ISOTMP35R Datasheet HTML 22Page - Texas Instruments ISOTMP35R Datasheet HTML 23Page - Texas Instruments ISOTMP35R Datasheet HTML 24Page - Texas Instruments ISOTMP35R Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The ISOTMP35R is designed for temperature measurement in high-voltage systems where electrical isolation
and accurate sensing of localized heat sources are required.
The device operates over a wide supply voltage range from 3.1V to 34V and features low current consumption,
supporting both line-powered and battery-powered applications. The integrated isolation barrier enables direct
placement at high-voltage nodes, eliminating the need for external isolation components and simplifying system
design.
The analog output provides a linear representation of temperature and can be directly interfaced to standard
ADC inputs. Proper system design considerations, including thermal coupling, output loading, and filtering, are
described in the following sections.
8.1.1 Improving Accuracy Using Piecewise Linear Approximation
For applications requiring improved accuracy over the nominal transfer function, a piecewise linear
approximation can be used to better represent the output voltage across temperature.
Although the ISOTMP35R output is highly linear, small deviations from the nominal transfer function can
occur, particularly at temperature extremes. The piecewise linear approach reduces this residual nonlinearity
by dividing the temperature range into multiple segments, each defined by a gain and offset.
This method is most effective in systems that use higher-resolution ADCs, exhibit low system-level noise, and
require improved typical accuracy across the full operating temperature range without extensive calibration.
The output voltage is calculated from the measured temperature using:
VOUT=TC× T−TINFL +VOFFS
(3)
Conversely, the measured temperature can be calculated from the measured output voltage using:
T =VOUT−VOFFS
TC +TINFL
(4)
where:
• VOUT is the output voltage in mV
• T is the measured temperature in °C
• TINFL is the temperature inflection point for a piecewise segment in °C
• TC is the temperature coefficient, or gain, in mV/°C
• VOFFS is the output voltage offset in mV
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com