Electronic Components Datasheet Search
  English  ▼

X  

DIO1298 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
5
Note:
(1) Guaranteed by design.
(2) tHICCUP is time from protection triggers until the start of soft-start debounce time.
(3) tDEB is time from enabled logic and VUVLO < VIN < VOVP until VOUT = 10% × VIN.
(4) tR is time from VOUT = 10% × VIN until VOUT = 90% × VIN.
(5) tDOFF is time from enable logic until VOUT begins to fall.
(6) tOVP is time from VIN > VOVP until VOUT stops rising.
(7) tOVP_REC is time from VIN < VOVP until VOUT = 90% × VIN.
(8) tOVLO is time from VOVLO rising above its OVP threshold until VOUT stops rising.
(9) tRCP_REC is time from VIN = VOUT - VRCP until switch turns back on. Before measuring, first raise VOUT >> VIN + 270 mV.
(10) tOCP is time from IOUT >> 20 A until switch turns off.
(11) Specifications subject to change without notice.
Overvoltage protection (OVP)
VOVP
Internally fixed overvoltage
protection
VIN rising OVP threshold
32
33
34
V
VOVP_HYS
Hysteresis, VOVLO = 0 V
200
mV
tOVP (1) (6)
OVP response time
RL = 100 Ω, COUT = 0 µF, VIN > VOVP,
VOVLO = 0 V
300
ns
tOVP_REC (1) (7)
OVP recovery time
tDEB + tR
ms
VOVLO
Externally adjustable
overvoltage lockout
VOVLO enable threshold (1)
0.12
0.175
0.23
V
VOVLO rising OVP threshold
1.19
1.24
1.29
V
Hysteresis (1)
25
mV
tOVLO (1) (8)
OVLO response time
RL = 100 Ω, COUT = 0 µF
300
ns
tOVLO_REC (1)
OVLO recovery time
tDEB + tR
ms
Reverse-current protection (RCP)
VRCP
RCP droop regulation voltage
VRCP = VIN - VOUT, IOUT = 100 mA
10
20
30
mV
tRCP_REC (1) (9)
RCP fast recovery time
15
µs
Overcurrent protection (OCP)
IOCP (1)
Overcurrent protection (OCP)
threshold
20
A
tOCP (1) (10)
OCP response time
150
ns
tOCP_REC (1)
OCP recovery time
tHICCUP + tDEB + tR
ms
Overtemperature protection (OTP)
TOTP (1)
IC junction overtemperature
protection
TJ rising threshold
150
°C
Hysteresis
20
°C
tOTP_REC (1)
OTP recovery time
tHICCUP + tDEB + tR
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com