Electronic Components Datasheet Search
  English  ▼

X  

DIO1298 Datasheet(PDF) 17 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 17 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
13
than 10% of the input level at 3.5 ms into the current limiting, the output will be powered off and then
re-initiate a soft start after a delay of tDEB. If the output level is higher than 10% of the input level, then
the soft-start current limit will proceed normally.This current limit is deactivated after 16 ms, which is
several milliseconds longer than the duration of the soft-start voltage ramp. Following an additional 4.5
ms delay, if VOUT is close to VIN, the
____
ACOK flag signals a power good condition.
9.4. Overcurrent protection (OCP)
The DIO1298 features output overcurrent protection (OCP) at 20 A, which safeguards the IC from damage
caused by sudden overcurrent or short-circuit events. When such an event occurs, the OCP circuit disables
the power switch, causing the current to drop to zero. Following an OCP event, provided that no other fault
is detected and
__
EN is low (or EN is high), the power switch will be re-enabled after the expiration of the
hiccup time, through the soft-start debounce and ramp times.
After OCP is triggered, VOUT is powered off. After a delay of tHICCUP + tDEB, VOUT re-starts. At 3.5 ms after the
restart, the VOUT level is judged. If VOUT is less than 10% of VIN, VOUT is powered off and the delay-restart
operation is repeated. If VOUT is greater than 10% of VIN, then at 8 ms after the restart, the VOUT level is
judged again. If VOUT is less than 90% of VIN, VOUT is powered off and the delay-restart operation is repeated.
If VOUT is greater than 90% of VIN, the device starts up normally.
9.5. Overvoltage protecton (OVP)
When
__
EN is low (for DIO1298A) or EN is high (for DIO1298B), the switch is logically enabled. However,
if VIN exceeds VOVP, the power switch is disabled due to an overvoltage protection (OVP) fault. Once VIN
drops below VOVP - VOVP_HYS, no other fault is detected, and
__
EN remains low or EN remains high, the
power switch is automatically re-enabled after the hiccup time expires, through the soft-start debounce
and ramp times.
Through OVLO pin, the overvoltage threshold can be externally adjusted. When the OVLO pin is
connected to GND, the default internal overvoltage threshold is 33 V. By biasing the OVLO pin with a
resistive voltage divider, the overvoltage threshold can be adjusted from 4 V to 33 V:
)
R2
R1
+
(1
V
=
V
OVLO
OVP
×
(2)
where,
VOVLO = 1.24 V
Connect R1 from IN to OVLO
Connect R2 from OVLO to ground
9.6. Overtemperature protection (OTP)
If the device junction temperature rises above TOTP, the OTP circuit will turn off the power switch. When the
junction temperature drops below TOTP minus hysteresis, provided that no other faults are detected and the
device is enabled (
__
EN is low or EN is high), the power switch will be re-enabled after the hiccup time has
elapsed, through the soft-start debounce and ramp times.
9.7. “Ideal diode” reverse-current protection (RCP)
The DIO1298 provides reverse-current protection (RCP) regardless of the enable logic level. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com