Electronic Components Datasheet Search
  English  ▼

X  

DIO1298 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
4
TVS surge clamp
VTVS_WRK(1)
Clamp working voltage
Positive working voltage
35
V
Negative working voltage
0
VTVS_CLMP(1)
Clamp breakdown voltage
IIN = 10 mA
41.6
V
IIN = -10 mA
-0.6
VTVS_SRG (1)
Clamp surge voltage
+100 V surge
44
V
-100 V surge
-2
Logic pin
VIH
Input logic High
TA= 25°C
0.85
V
VIL
Input logic Low
TA= 25°C
0.35
V
RI_PD
Input logic pull-down
VEN = 5 V
0.95
2
4.5
MΩ
VOL
Output logic low (
____
ACOK)
IO_SINK = 1 mA
6
10
mV
IO_LK
Output logic high-Z leakage
(
____
ACOK)
VO = 5 V, TA= 25°C
1
µA
Switch
RDS(ON)
Switch on-resistance
VIN = 5 V, ILOAD = 2 A
24
33
mΩ
VIN = 20 V, ILOAD = 2 A (1)
24
33
VIN = 28 V, ILOAD = 2 A (1)
24
33
IIN_OFF
Switch off-leakage at IN
Shutdown, VIN = 5 V, VOUT = 0 V
1.2
3
µA
Shutdown, VIN = 20 V, VOUT = 0 V
1.8
4.5
Shutdown, VIN = 28 V, VOUT = 0 V
2
5
IOUT_OFF
Switch off-leakage at OUT
Shutdown, VIN = 0 V, VOUT = 5 V
1.5
4
µA
Shutdown, VIN = 0 V, VOUT = 20 V
2
8
Shutdown, VIN = 0 V, VOUT = 28 V
2.3
9
Soft-start (SS)
tHICCUP (1) (2)
Hiccup retry time after fault
After OCP/OTP is triggered
77
ms
tDEB (3)
Soft-start debounce time
VIN = 5 V
19
ms
tR (4)
Soft-start VOUT rising slew-rate
ramp time
VIN = 5 V
3
ms
VIN = 28 V
ILIM_SS (1)
Soft-start current limit
VIN = 5 V to 28 V
3
A
tLIM_SS (1)
Soft-start current limit done
time
VIN = 5 V to 28 V
16
ms
t
____
ACOK (1)
Power good flag delay after
tLIM_SS
VIN = 5 V to 28 V
4.5
ms
tDOFF (1) (5)
Turn-off delay time
VIN = 5 V to 28 V
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com