Electronic Components Datasheet Search
  English  ▼

X  

DIO1298 Datasheet(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
12
9. Function Description
The DIO1298 is a slew-rate controlled MOSFET switch with a typical resistance of 24 mΩ. It is designed to
be placed between a power source and a load, providing isolation and protection against abnormal voltage
and current conditions.
The device features slew-rate controlled soft-start and soft-start current limiting to prevent excessive inrush
current. In addition to these features, the DIO1298 offers several other protection functions. These include
input overvoltage protection, “ideal diode” reverse-current protection with fast recovery, output short-circuit
protection, overcurrent protection, overtemperature protection, and input transient voltage suppression for
±100 V surge, ±30 kV contact ESD, and ±30 kV air-gap ESD.
The DIO1298 operates over a wide input voltage range from 3 V to 32 V and is optimized for USB Type-C
Power Delivery (PD) current-sink applications up to 28 V extended power range (EPR), where essential
protection and enhanced system reliability are required. When in the OFF state, it can block voltages up to
35 V on the IN and OUT pins and prevent current flow. When in the ON state, it can withstand voltages up
to 35 V on the IN and OUT pins, pass valid input voltages and current from IN to OUT, and block reverse
current from OUT to IN. Thanks to its ideal-diode behavior, two or more DIO1298 units can be used in
parallel to support systems that may be charged or powered from multiple ports.
9.1. Shutdown and enable
For DIO1298A, it has
__
EN active-low input logic with internal pull-down resistor (1 MΩ); for DIO1298B, it
has EN active-high input logic. When the device is disabled, the main power MOSFETs are switched off,
entering a low-power shutdown mode. In this shutdown mode, the output ESD/surge clamp remains active
to protect the IC and the entire system. Conversely, when the device is enabled, all additional protection
circuits become operational. The main power MOSFETs are turned on when no fault condition is detected.
9.2. Undervoltage lockout (UVLO)
The DIO1298 will be shut down if the input voltage (VIN) falls below an internal UVLO threshold (VUVLO). The
switch is enabled to power up when the input voltage is above the UVLO threshold and the device is
enabled through logic input without fault conditions.
9.3. Soft-start (SS)
The internal soft-start feature of the DIO1298 enables it to charge a total output capacitance of 1000 μF
with a rang of 5 V to 28 V while preventing excessive in-rush current. This is achieved by controlling the
output voltage slew-rate ramp time. The current required to charge COUT can be calculated by equation
below:
)
t
V
(
C
+
I
=
I
R
IN
OUT
LOAD
IN_SS
×
(1)
where tR = 3 ms
During the soft-start process, no matter in which case, the soft-start time is relatively fast to minimize
power dissipation.
It should be noted that in addition to the soft-start voltage ramp, a concurrent soft-start current limit of
2.7 A is in place to prevent excessive heat when starting into an output short-circuit condition or when
dealing with a large total output capacitance. After soft-start current limiting, if the output level is less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com