Electronic Components Datasheet Search
  English  ▼

X  

DIO1298 Datasheet(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
15
10.Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
Figure 22.Typical application
10.1. Input capacitor
It is recommended to connect a 1 μF to 10 μF ceramic capacitor between IN and GND pins of the device as
close as possible for most applications. A proper input capacitor will reduce the influence of parasitic trace
inductance.
For optimal surge and ESD performance, a 50 V rated capacitor with X5R or better dielectric is
recommended, preferably with a capacitance of 10 µF.
10.2. Output capacitor
It is recommended to connect a 10 µF to 1000 µF to the output for most applications. Typically, system
load-transient needs the use of 30 µF to 100 µF capacitance. At least a 10 µF ceramic capacitor is placed
as close as possible to the device, connecting from OUT to GND, in order to minimize the influence of
parasitic trace inductance. Capacitors rated at 35 V or 50 V, with X5R or better dielectric, are highly
recommended. However, when utilizing the OVLO pin to set a lower overvoltage protection threshold, lower
voltage ratings may be acceptable.
10.3. Safe operating area
Typically, SOA curves are associated with discrete MOSFETs, which are sometimes co-packaged with a
controller IC. In these competing systems, it is necessary to take precautions to remain within the SOA area.
However, the DIO1298, being a monolithic IC, has all the integrated protection features to automatically
keep its operation within the SOA area. For example, it includes overvoltage protection and overcurrent
protection with very fast response times. Additionally, it features overtemperature protection that is
measured on the same monolithic die as the integrated power MOSFETs. Soft-start is controlled with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com