Electronic Components Datasheet Search
  English  ▼

X  

DIO1298 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
10
Control EN, test VOUT and ACOK, RL = 100 Ω,
CL = 20 µF, VIN = 5 V
Figure 14. Enable, soft-start, shutdown response
Control EN, test VOUT and ACOK, RL= 400 Ω,
CL= 20 µF, VIN = 28 V
Figure 15. Enable, soft-start, shutdown response
Control EN, test VOUT and ACOK, RL = 2.5 Ω,
CL= 1000 µF, VIN = 9 V
Figure 16. Heavy load soft-start response
Control EN, test VOUT and ACOK, RL= 2.5 Ω,
CL= 1000 µF, VIN = 15 V
Figure 17. Over-load soft-start & Auto-retry response
VOUT = 28 V to short circuit, RL = 21 Ω, CL = 20 µF, VIN = 28 V
Figure 18. OCP/SCP response
VOUT = 28 V to short circuit, CL = 20 µF, VIN = 28 V
Figure 19. SCP response with auto-retry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com