Electronic Components Datasheet Search
  English  ▼

X  

DIO1298 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
14
device is disabled, all current flow is blocked. When enabled, the RCP functions as a voltage droop
regulator. Specifically, once the voltage on VOUT > VIN - 20 mV, the RCP circuit reduces the MOSFET gate
drive to maintain the regulated 20 mV droop. This effectively acts as an “ideal diode” with a forward voltage
(VF) of 20 mV. This control method ensures that all reverse current is blocked within the RCP control loop
bandwidth. The RCP circuit enables the connection of two or more USB charging ports to a single charger
input in a “diode-OR” configuration, with autonomous reverse-current blocking.
Figure 21. “Ideal diode” reverse-current protection
9.8. Transient voltage suppression
The DIO1298 incorporates an active clamp transient voltage suppressor (TVS) between IN and GND.
Whether the DIO1298 is enabled or disabled, the TVS circuit remains active to protect the DIO1298 and
downstream circuits from IEC surge and ESD events.
9.9. Auto-retry
When the DIO1298 encounters any fault condition that causes the switch to open, it will automatically
attempt to retry through the soft-start debounce and ramp time. When the same or any other fault be
detected again, the switch will open once more, and the auto-retry process will repeat. This cycle continues
until the fault is resolved (returning to normal operation), or until EN is low or
__
EN is high (indicating
shutdown), or until VIN is removed (triggering UVLO). It should be noted that the hiccup timer extends the
delay between auto-retry events, but this extended delay only takes effect after the first retry attempt.
9.10.
____
ACOK output flag
The
____
ACOK output is an open-drain type that needs an external pull-up resistor with a recommended value
ranging from 10 kΩ to 200 kΩ. This pin serves to indicate the fault status. Specifically, when there are no
faults present (meaning UVLO, OVP, OCP, SCP and OTP are not triggered) and the power switch is in the
ON state, the
____
ACOK flag is pulled low to signify that the power is good. Conversely, in the presence of any
fault or when the power switch is OFF, the
____
ACOK flag assumes a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com