Electronic Components Datasheet Search
  English  ▼

X  

DIO1411 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
9
10.Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purpose only.
A host device can perform thermal management using DIO1411. The DIO1411 can directly measure the
temperature of the internal BJT. The
_____
ALERT and
______
THERM/ADDR pins can be asserted to achieve two levels of
overtemperature alarm. Typical application diagrams for the chip is shown in Figure 3.
Figure 3. System design for DIO1411
11. Communication Protocol and SMBus Protocol
11.1. Communication protocol
Through the SMBus (or I2C), the DIO1411 can communicate with the host controller. The SMBus is a two-wire
serial communication protocol between a computer host and its peripheral devices. The details can be found in
Figure 1.
11.1.1. SMBus address and RD/
——
WR bit
The SMBus address byte consists of the 7-bit client address followed by the RD/
——
WR indicator bit. To the client
device, the RD/
——
WR bit can be either writing or reading date.
When the RD/
——
WR bit is a logic ‘0’, the SMBus host is writing data. When the RD/
——
WR bit is a logic ‘1’, the SMBus
host is reading data.
The DIO1411 SMBus slave address is determined by the pull-up resistor on the
______
THERM/ADDR pin as shown in
table 3 in section 9.6 "Programming SMBus (or I2C) Address".
11.1.2. SMBus data bytes
All SMBus data bytes are composed of 8-bits of information and sent in order of priority, which means they are
sent most significant bit at first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com