Electronic Components Datasheet Search
  English  ▼

X  

DIO1411 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
ILEAK
Leakage current
Powered or unpowered, TA < 85°C
±5
µA
VHYS
Hysteresis
420
mV
CIN
Input capacitance
5
pF
IOL
Output low sink current
SMDATA = 0.4 V
8.2
15
mA
SMBus timing (1, 2)
fsmb
Clock frequency
10
400
kHz
tSP
Spike suppression
50
ns
tBUF
Bus free time stop to start
1.3
µs
tHD:STA
Hold time: start
0.6
µs
tSU:STA
Setup time: start
0.6
µs
tSU:STO
Setup time: stop
0.6
µs
tHD:DAT
Data hold time
When transmitting to the master
0
µs
When receiving from the master
0.3
tSU:DAT
Data setup time
100
ns
tLOW
Clock low period
1.3
µs
tHIGH
Clock high period
0.6
µs
tFALL
Clock/data fall time
Min = 20 + 0.1CLOAD ns
300
ns
tRISE (1)
Clock/data rise time
Min = 20 + 0.1CLOAD ns
300
ns
CLOAD
Capacitive load
Per bus line
400
pF
SMBus timeout (1)
ttimeout
Device will reset if SMCLK
is hold low for more than
Ttimeout
30
ms
Note:
(1) Guaranteed by digital design.
(2) See Figure 1.
(3) Specifications subject to change without notice.
Figure 1. Two-wire timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com