Electronic Components Datasheet Search
  English  ▼

X  

DIO1411 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the
device permanently. Do not design to the maximum limits because long-time exposure to them might impact the
device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Min
Max
Unit
VDD
Supply voltage
-0.3
4
V
V5VT_pin
Voltage on 5 V tolerant pins (SMCLK, SMDATA,
_____
THERM/ADDR, and
______
ALERT )
-0.3
5.5
V
|V5VT_pin - VDD|
Voltage on 5 V tolerant pins (SMCLK, SMDATA,
_____
THERM/ADDR, and
______
ALERT ) (1)
0
3.6
V
Vpin
Voltage on any other pin to ground
-0.3
VDD + 0.3
V
TA
Operating temperature range
-40
125
°C
TSTG
Storage temperature range
-55
150
°C
TL
Lead temperature range
Refer to JEDEC spec. J-STD-020
Note:
(1) For the 5 V tolerant pins that have a pull-up resistor (SMCLK, SMDATA,
_____
THERM/ADDR, and
______
ALERT ), the pull-up voltage must
not exceed 3.6 V when the device is unpowered.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications.
The ratings are obtained over an operating free-air temperature range unless otherwise specified.
Symbol
Parameter
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Rating
Unit
HBM
Human-body model (HBM), JEDEC: JS-001
±8
kV
CDM
Charged-device model(CDM), JEDEC: JS-002
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com