Electronic Components Datasheet Search
  English  ▼

X  

DIO1411 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
17
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
1Fh
R/W
Mask
Reserved
MASK
00h
Note: R = Read. W = Write.
Bit
Name
Value
Description
7:1
Reserved
-
Do not use.
0
MASK
0 (default)
The temperature mask is disabled.
1
The temperature mask is enabled.
12.10. Consecutive ALERT register
The consecutive ALERT register is used to choose how many times an out-of-limit (≥ High Limit or < Low Limit)
condition have been detected in consecutive measurements before the
_____
ALERT or
______
THERM /ADDR pin is
asserted. Additionally, the TIMEOUT bit (B7) is used to enable or disable the SMBus timeout.
When an out-of-limit condition is detected in consecutive measurements, the consecutive alert counter will be
increased by 1. The counter will be reset if no out-of-limit condition occurs in a consecutive measurement.
When the
_____
ALERT pin is configured in the interrupt mode, if the consecutive alert counter reaches its
programmed value, the STATUS bit and the last out-of-limit condition will be set to ‘1’. And the
_____
ALERT pin will
be asserted. Then the consecutive alert counter will be cleared.
When the
_____
ALERT pin is configured in comparator mode, the consecutive alert counter will be increased by 1
only when the measured temperature exceeds the High Limit. Once the consecutive alert counter reaches the
programmed limit, the
_____
ALERT pin will be asserted. However, the consecutive alert counter will not be reset. And
it will remain set until the temperature drops below the High Limit minus the Therm Hysteresis.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
22h
R/W
Consecutive
ALERT
TIME
OUT
CTHRM [2:0]
CALRT [2:0]
Reserved
70h
Note: R = Read. W = Write.
Bit
Name
Description
7
TIMEOUT
0 (default): The SMBus Timeout function is disabled. The device will not resetting its SMBus protocol
even the SMCLK line being held low indefinitely.
1: The SMBus Timeout function is enabled. The device will reset the SMBus protocol if the SMCLK line is
held low for more than 30 ms.
6:4
CTHRM
[2:0]
Determines the number of consecutive temperature measurements that must exceed the corresponding
Therm Limit before the
_____
THERM/ADDR pin is asserted. The consecutive therm counter will be increased
by 1 whenever the temperature measurement exceed the Therm Limit.
Once the measured temperature drops below the Therm Limit, the corresponding therm counter is reset.
Once the
_____
THERM /ADDR pin has been asserted, the therm counter will not reset until the measured
temperature drops below the Therm Limit minus the Therm Hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com