Electronic Components Datasheet Search
  English  ▼

X  

DIO1411 Datasheet(PDF) 22 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411 Datasheet(HTML) 22 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
18
The consecutive alert bits CTHRM[2:0] are decoded as shown in the following table. The default setting
is 4 consecutive out of limit measurements.
3:1
CALRT
[2:0]
Determines the number of consecutive temperature measurements that must meet an out of limit
condition before the
———
ALERT pin is asserted. The consecutive alert bits CALRT[2:0] are decoded as
shown in the following table. The default setting is 1 consecutive out of limit measurements.
0
Reserved
Do not use.
Consecutive alert/Therm settings
2
1
0
Number of consecutive out of limit
measurements
0
0
0
1 (default for CALRT [2:0])
0
0
1
2
0
1
1
3
1
1
1
4 (default for CTHRM [2:0])
0
1
0
4
1
0
0
1
0
1
1
1
0
12.11. High Limit status register
In the interrupt mode, the High Limit status register indicates if the measured temperature exceeds the High
Limit for the programmed number of times in a consecutive measurements. Reading from the High Limit status
register will clear all bits. And the HIGH status bit in the status register will also be cleared.
In the comparator mode, the High Limit status register indicates if the measured temperature exceeds the High
Limit for the programmed number of times in a consecutive measurements. Once the High Limit status bit is set,
it will remain set until the measured temperature drops below the High Limit minus the Therm Hysteresis.
Reading from the High Limit status register will not clear all bits.
In both interrupt mode and comparator mode, the HIGH status bit in the status register will be set if the High
Limit status bit is set. The HIGH status bit in the status register will be cleared when High Limit status bit is
cleared.
Addr.
Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
35h
R-C
High Limit
status
Reserved
IHIGH
00h
Note: R-C = Read then Clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com