Electronic Components Datasheet Search
  English  ▼

X  

DIO1411 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1411 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
1
1. Pin Assignment and Functions
Pin Number
Pin Name
Type
Description
1
SMDATA
I/O
SMBus data input/output, requiring pull-up resistor
2
SMCLK
I
SMBus clock input, requiring pull-up resistor
3
______
ALERT
OD
Overtemperature alert. Open-drain output; requires a pull-up resistor
4
GND
Power
Ground
5
_____
THERM/ADDR
OD
During the power-up, the device selects SMBus (or I2C) address based
on the pull-up resistor. During the normal operation, this pin will be
asserted to indicate a Therm Limit exceeding event, requiring a pull-up
resistor.
6, 7
NC
-
No connect.
8
VDD
Power
Supply voltage. Range from 3.0 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com