Electronic Components Datasheet Search
  English  ▼

X  

DIO1411 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1411 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
14
4
HIGH
This bit will be set if the temperature exceeds its programmed High Limit. The
———
ALERT pin will be
asserted once this bit is set.
3
LOW
This bit will be set if the temperature drops below its programmed Low Limit. The
———
ALERT pin will be
asserted once this bit is set.
1
THERM
This bit will be set if the temperature exceeds its programmed Therm Limit. The
______
THERM/ADDR pin will
be asserted once this bit is set.
0
Reserved
Do not use.
12.3. Configuration register
The configuration register controls the basic operation of the device. It is accessible at either address.
Addr.
Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
03h
R/W
Configuration
Reserved
RUN/
STOP
ALERT/
COMP
Reserved
RANGE
DAVG_
DIS
Reserved
00h
09h
Note: R = Read. W = Write.
Bit
Name
Value
Description
7
Reserved
-
Do not use.
6
RUN/STOP
0 (default)
The device is in the active mode and detecting the temperature in real time.
1
The device is in standby mode and not detecting the temperature in real time.
5
ALERT/
COMP
0 (default)
The
———
ALERT pin acts in interrupt mode.
1
The
———
ALERT pin acts in comparator mode.
4:3
Reserved
-
Do not use.
2
RANGE
0 (default)
The temperature measurement range is default range: 0°C to 127.9375°.
1
The temperature measurement range is extended range: -64°C to 191.9375°C.
1
DAVG_DIS
0 (default)
The dynamic averaging feature is enabled. The temperature will be converted with an
averaging factor that is based on the conversion rate.
1
The dynamic averaging feature is disabled.
0
Reserved
-
Do not use.
12.4. Conversion rate register
The conversion rate register determines the updating frequency of temperature measurement. This register is
accessible at either address.
Addr.
Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
04h
R/W
Conversion rate
Reserved
CONV [3:0]
06h
(4/sec)
0Ah
Note: R = Read. W = Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com