Electronic Components Datasheet Search
  English  ▼

X  

DIO7416 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416
Description  Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7416 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7416 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
DIO7416
Version 1.2, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
15
10.Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality.
The application information is not part of the specification and is for reference purposes only.
The DIO7416 can be used in level conversion applications for interfacing devices or systems operating
under different interface voltages.
10.1. Application examples
Note:
(1) EN is referenced to VCCA
10.2. Design requirements
For this design example, use the parameters listed in Table 1.
Table 1. Design parameters
Design Parameter
Example Value
Input voltage range
1.08 V to 3.6 V
Output voltage range
1.08 V to 3.6 V
To start the design process, determine the following:
Input voltage range
Use the supply voltage of the device driving the DIO7416 device to determine the input voltage range.
For a valid logic high, this value must exceed the VIH of the input port. For a valid logic low, this value
must be less than the VIL of the input port.
Output voltage range
Determining the output voltage range by using the supply voltage of the device driven by the DIO7416
device.The DIO7416 device has 10 kΩ internal pull-up resistors. If necessary, add external pull-up
resistors to reduce the total RC of the signal traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com