Electronic Components Datasheet Search
  English  ▼

X  

DIO7416 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416
Description  Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7416 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7416 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DIO7416
Version 1.2, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
5
ICC_off
VCCA
VI = VO = open,
IO = 0, EN = 0 V,
(TA ≤ 85°C)
1.08 V to 3.6 V 1.08 V to 3.6 V
6
13
μA
VI = VO = open,
IO = 0, EN = 0 V,
(TA ≤ 125°C)
6
26
μA
VCCB
VI = VO = open,
IO = 0, EN = 0 V,
(TA ≤ 85°C)
6
13
μA
VI = VO = open,
IO = 0, EN = 0 V,
(TA ≤ 125°C)
6
26
μA
ICCA
VI = VO = open,
IO = 0, EN = VCCA,
(TA ≤ 85°C)
1.32 V
1.32 V to 3.6 V
1.5
8
μA
1.98 V
1.32 V to 3.6 V
2
10
μA
3.6 V
1.32 V to 3.6 V
5
14
μA
0 V
1.32 V to 3.6 V
-2
0
μA
1.32 V to 3.6 V
0 V
3
13
μA
VI = VO = open,
IO = 0, EN = VCCA,
(TA ≤ 125°C)
1.32 V
1.32 V to 3.6 V
1.5
20
μA
1.98 V
1.32 V to 3.6 V
2
22
μA
3.6 V
1.32 V to 3.6 V
5
27
μA
0 V
1.32 V to 3.6 V
-5
0
μA
1.32 V to 3.6 V
0 V
3
26
μA
ICCB
VI = VO = open,
IO = 0, EN = VCCA,
(TA ≤ 85°C)
1.32 V to 3.6 V
1.32 V
1.5
8
μA
1.32 V to 3.6 V
1.98 V
2
10
μA
1.32 V to 3.6 V
3.6 V
5
13
μA
1.32 V to 3.6 V
0 V
-2
0
μA
0 V
1.32 V to 3.6 V
1.8
12.5
μA
VI = VO = open,
IO = 0, EN = VCCA,
(TA ≤ 125°C)
1.32 V to 3.6 V
1.32 V
1.5
18
μA
1.32 V to 3.6 V
1.98 V
2
21
μA
1.32 V to 3.6 V
3.6 V
5
26
μA
1.32 V to 3.6 V
0 V
-5
0
μA
0 V
1.32 V to 3.6 V
1.8
25
μA
ICCA + ICCB
VI = VO = open,
IO = 0, EN = VCCA,
(TA ≤ 85°C)
1.32 V
1.32 V
4
17
μA
1.98 V
1.98 V
6
20
μA
3.6 V
3.6 V
11
23
μA
VI = VO = open,
IO = 0, EN = VCCA,
(TA ≤ 125°C)
1.32 V
1.32 V
4
35
μA
1.98 V
1.98 V
6
40
μA
3.6 V
3.6 V
11
44
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com