Electronic Components Datasheet Search
  English  ▼

X  

DIO7416 Datasheet(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416
Description  Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7416 Datasheet(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7416 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DIO7416
Version 1.2, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
16
Startup considerations with large capacitive load mismatches
Due to the FET based architecture of this translator, there are some considerations a designer must be
aware of during powering up with large differences in capacitance between the sides. If one supply
with smaller capacitance is already powered up, and the other is ramping (with EN pin high), the side
with the heavier load can ramp slower than the power supply ramp, due to only having an internal 10
kΩ pull up resistor. In this situation, once the rising POR threshold is met, the device enables all
circuitry. If the heavy capacitance side has not yet risen above about 70% of supply, the device
determines this as low, and briefly turns on the fall time accelerators to propagate a low. Once the fall
time accelerator has timed out, the signals rise and sit idle high.
This phenomenon can be eliminated by holding the EN pin low (disabled) until all supplies and buses
have ramped up, since this explicitly disables the bus acceleration circuitry until the bus has
completed power up. Slower supply ramps also help reduce this because the bus voltage follows the
supply closer if the ramp is slow.
10.3. Application curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com