Electronic Components Datasheet Search
  English  ▼

X  

DIO7416 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416
Description  Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7416 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7416 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DIO7416
Version 1.2, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
-0.5 ~ 4
V
VI
Input voltage range(1)
-0.5 ~ 4
V
VO
Voltage range applied to any output in the
high-impedance or power-off state(1) (2)
A port
-0.5 ~ 4
V
B port
VO
Voltage range applied to any output in the high or low
state(1) (2)
A port
-0.5 ~ 4
V
B port
IIK
Input clamp current
-50
mA
IOK
Output clamp current
-50
mA
IO
Continuous output current
±50
mA
TSTG
Storage temperature
-65 ~ 150
°C
Note:
(1) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(2) The value of VCCA and VCCB are provided in the recommended operating conditions table.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
VCCA
VCCB
Min
Max
Unit
VCCA
Supply voltage
1.08
3.6
V
VCCB
Supply voltage
1.08
3.6
V
VI
Input voltage
A-port I/Os, B-port
I/Os, EN
0 V to 3.6 V
0 V to 3.6 V
0
3.6
V
VIH
High-level
input voltage
Data inputs
1.08 V to 1.4 V
1.08 V to 1.4 V
VCCI - 0.2
VCCI
V
1.4 V to 3.6 V
1.4 V to 3.6 V
VCCI - 0.4
VCCI
EN input
1.08 V to 3.6 V
1.08 V to 3.6 V
VCCA× 0.7
3.6
VIL
Low-level
input voltage
Data inputs
1.08 V to 3.6 V
1.08 V to 3.6 V
0
0.15
V
EN input
1.08 V to 3.6 V
1.08 V to 3.6 V
0
VCCA× 0.3
TA
Operating free-air temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com