Electronic Components Datasheet Search
  English  ▼

X  

DIO7416 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416
Description  Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7416 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7416 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7416 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DIO7416
Version 1.2, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
6. Electrical Characteristics
6.1. General electrical characteristics
The values are obtained under these conditions unless otherwise specified: TA = -40°C to 125°C. Typical
values are at VCC = 3.6 V, TA = 25°C.
Symbol Parameter
Conditions
VCCA
VCCB
Min
Typ
Max Unit
VOHA
A ports high
level output
voltage
TA=-40~
125°C
IOH = -20 µA,
VIB ≥ VCCB -
0.4 V
1.08 V to 1.2 V
1.08 V to 3.6 V
VCCA-
0.25
V
1.2 V to 3.6 V
VCCA
-0.4
VOLA
A ports low
level output
voltage
IOL = 1 mA,
VIB ≤ 0.15 V
1.08 V to 1.2 V
1.08 V to 3.6 V
0.4
V
1.2 V to 3.6 V
0.4
VOHB
B ports high
level output
voltage
TA=-40~
125°C
IOH = -20 µA,
VIA ≥ VCCA -
0.4 V
1.08 V to 3.6 V
1.08 V to 1.2 V
VCCB -
0.25
V
1.2 V to 3.6 V
VCCB
-0.4
VOLB
B ports low
level output
voltage
IOL = 1 mA,
VIA ≤ 0.15 V
1.08 V to 3.6 V
1.08 V to 1.2 V
0.4
V
1.2 V to 3.6 V
0.4
VUVLO_RISE
UVLO rising
threshold
VUVLO for VCCA and VCCB
are independent
0 V to 3.6 V
0 V to 3.6 V
0.75
0.9
1
V
VUVLO_FALL
UVLO falling
threshold
VUVLO for VCCA and
VCCB are independent
0 V to 3.6 V
0 V to 3.6 V
0.73
0.85
0.95
V
VRTA
RTA(2)
activation
threshold
1.08 V to 3.6 V 1.08 V to 3.6 V
VCCI(1) ×
0.5
V
VFTA
FTA(2)
activation
threshold
1.08 V to 3.6 V 1.08 V to 3.6 V
VCCI ×
0.55
V
RPU
Internal
pull-up
resistor
VI = 0.15 V
1.08 V to 3.6 V 1.08 V to 3.6 V
7
10
14.5
kΩ
II
EN
VI = VCCA or GND
1.08 V to 3.6 V 1.08 V to 3.6 V
-1
0
+1
μA
IOFF
A port
VI = 3.6 V, VO = 0 V
(TA ≤ 85°C)
0 V
0 V to 3.6 V
0.13
2
μA
B port
VI = 3.6 V, VO = 0 V
(TA ≤ 85°C)
0 V to 3.6 V
0 V
0.13
2
μA
A port
VI = 3.6 V, VO = 0 V
(TA ≤ 125°C)
0 V
0 V to 3.6 V
0.13
6.8
μA
B port
VI = 3.6 V, VO = 0 V
(TA ≤ 125°C)
0 V to 3.6 V
0 V
0.13
6.8
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com